PART |
Description |
Maker |
GS1B GS1A GS1M GS1D GS1G GS1J GS1K |
1 Amp Standard Recovery Rectifier Standard Rectifier (trr more than 500ns)
|
http:// MICROSEMI[Microsemi Corporation]
|
3PM8 3PM0 3PM2 3PM4 3PM6 |
Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(杞村?寮??锛??灏??锛???????00V锛?钩??????娴?.5A,????㈠??存?浜??绠? AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(轴向引脚,密封型,反向电000V,平均正向电.5A,标准恢复整流二极 Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(轴向引脚,密封型,反向电00V,平均正向电.5A,标准恢复整流二极
|
SEMTECH[Semtech Corporation]
|
S2D S2G S2B S2A S2M S2T S2W S2X S2Y S2J S2K S2A07 |
8 Slots: 2 IO-Slots on Standard Bus 2 A, 400 V, SILICON, RECTIFIER DIODE, DO-214AA 3 Slots: 2 IO-Slots on Standard Bus 2 A, 100 V, SILICON, RECTIFIER DIODE, DO-214AA 5 Slots: 4 IO-Slots on Standard Bus PISA®-Backplanes with ISA-, PCI- and/or PISA®-Slots All-In-One half size Pentium® M PISA® Slot-CPU. 4 Slots: 3 IO-Slots on Standard Bus 11 Slots: 10 IO-Slots on Standard Bus Surface Mount Si-Rectifiers
|
Diotec Semiconductor AG
|
SC3AS4 SC3AS2 SC3AS1 SC3AS05 SC3AS6 |
Standard Recovery 3-Phase Full Wave Bridge Rectifier(????靛?600V锛??澹虫俯搴?5???骞冲??存??垫?130A锛?????澶??3?稿?娉㈡ˉ?存??? STANDARD RECOVERY 3-PHASE FULL WAVE BRIDGE RECTIFIERS Standard Recovery 3-Phase Full Wave Bridge Rectifier(反向电压400V,管壳温55℃时平均整流电流130A,标准恢复,3相全波桥整流
|
Semtech Corporation
|
1N1202AR JANTX1N1202A 1N3673AR 1N1202A 1N1204A 1N1 |
Standard Rectifier (trr more than 500ns) Military Silicon Power Rectifier 12 A, 600 V, SILICON, RECTIFIER DIODE, DO-203AA
|
MICROSEMI CORP-LAWRENCE MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
SDA380G SDA380A SDA380B SDA380C SDA380D SDA380E SD |
10 AMPS, 5usec STANDARD RECOVERY CENTERTAP RECTIFIER 10 A, 50 V, SILICON, RECTIFIER DIODE 10 AMPS, 5usec STANDARD RECOVERY CENTERTAP RECTIFIER 10 A, 200 V, SILICON, RECTIFIER DIODE 10 AMPS, 5usec STANDARD RECOVERY CENTERTAP RECTIFIER 10 A, 1000 V, SILICON, RECTIFIER DIODE
|
SOLID STATE DEVICES INC Solid States Devices, Inc. SSDI[Solid States Devices, Inc] Solid State Devices, Inc.
|
MC33260DR2 MC33260D 1N5924BRL MC100LVEL51DR2 |
1A 600V Fast-Recovery Rectifier 1A 1000V Standard Rectifier Zener 9.1V 3W 5%
|
ON Semiconductor
|
1N1202C S2580 S25160 1N1199C 1N1203C 1N1204C 1N120 |
Standard Rectifier (trr more than 500ns) SILICON POWER RECTIFIER CONN L/FORK INSUL 12-10 AWG #6
|
MICROSEMI[Microsemi Corporation]
|
1N2789 1N2134 1N4138 1N2137 1N2458 1N4136 1N2460 1 |
SILICON POWER RECTIFIER Standard Rectifier (trr more than 500ns)
|
MICROSEMI CORP-LAWRENCE MICROSEMI[Microsemi Corporation]
|
VUI72-16NOXT |
Standard Rectifier Module(3~ Rectifier Bridge Brake Unit)
|
IXYS Corporation
|
RP0015 RP0015-15 |
RECTIFIER STANDARD RECOVERY HIGH CURRENT RECTIFIER
|
Solid States Devices, I...
|
1N1301 1N2283 1N4526 1N1196A 1N1196 1N2021 1N1192A |
Standard Rectifier (trr more than 500ns) (1N2xxx) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 200 V, SILICON, RECTIFIER DIODE, DO-203AB (1N4525 - 1N4529) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 350 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 300 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|